Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1424596 Datasheet (PDF) - PHOENIX CONTACT

1424596 Datasheet PDF - PHOENIX CONTACT
Part # 1424596
Download  1424596 Download
File Size   103.34 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-performance: DC connectors for up to 12 A and 63 V DC

1424596 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424596 Datasheet PDF - PHOENIX CONTACT

Part # 1424596
Download  1424596 Click to download

File Size   103.34 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-performance: DC connectors for up to 12 A and 63 V DC

1424596 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1424596

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424593 PHOENIX-1424593 Datasheet
103Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1424594 PHOENIX-1424594 Datasheet
103Kb / 4P
Our standard: robust halogen-free PUR cable
1424595 PHOENIX-1424595 Datasheet
104Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1424597 PHOENIX-1424597 Datasheet
650Kb / 18P
SAC-5P-M12MRL/ 1,5-290 FE - Power cable
1424598 PHOENIX-1424598 Datasheet
582Kb / 18P
SAC-5P-M12MRL/ 3,0-290 FE - Power cable
More results


Similar Description - 1424596

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414823 PHOENIX-1414823 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414856 PHOENIX-1414856 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414887 PHOENIX-1414887 Datasheet
115Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414891 PHOENIX-1414891 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1424624 PHOENIX-1424624 Datasheet
116Kb / 5P
High-performance: DC connectors for up to 12 A and 63 V DC
1424617 PHOENIX-1424617 Datasheet
103Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1424613 PHOENIX-1424613 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 12 A and 63 V DC
1424612 PHOENIX-1424612 Datasheet
103Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1425021 PHOENIX-1425021 Datasheet
116Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1425024 PHOENIX-1425024 Datasheet
115Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com