Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2567 Datasheet (PDF) - ON Semiconductor

FSA2567 Datasheet PDF - ON Semiconductor
Part # FSA2567
Download  FSA2567 Download
File Size   291.04 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Power, Dual SIM Card Analog Switch

FSA2567 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA2567 Datasheet PDF - ON Semiconductor

Part # FSA2567
Download  FSA2567 Click to download

File Size   291.04 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Power, Dual SIM Card Analog Switch

FSA2567 Datasheet (HTML) - ON Semiconductor


FSA2567 Product details

Description
The FSA2567 is a bi-directional, low-power, dual doublepole, double-throw (4PDT) analog switch targeted at dual SIM card multiplexing. It is optimized for switching the WLAN-SIM data and control signals and dedicates one channel as a supply-source switch.

Features
■ Low On Capacitance for Data Path: 10 pF Typical
■ Low On Resistance for Data Path: 6 Ω Typical
■ Low On Resistance for Supply Path: 0.4 Ω Typical
■ Wide VCC Operating Range: 1.65 V to 4.3 V
■ Low Pow er Consumption: 1 μA Maximum
    - 15 μA Maximum ICCT Over Expanded Voltage Range (VIN=1.8 V, VCC=4.3 V)
■ Wide -3 db Bandw idth: > 160 MHz
■ Packaged in:
    - Pb-free 16-Lead MLP & 16-Lead UMLP
■ 3 kV ESD Rating, >12 kV Pow er/GND ESD Rating

Applications
■ Cell phone, PDA, Digital Camera, and Notebook
■ LCD Monitor, TV, and Set-Top Box




Similar Part No. - FSA2567

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2567 FAIRCHILD-FSA2567 Datasheet
389Kb / 2P
Low-Power, Dual SIM Card Analog Switch
FSA2567 FAIRCHILD-FSA2567 Datasheet
378Kb / 2P
Low-Power, Dual SIM Card Analog Switch
FSA2567MPX FAIRCHILD-FSA2567MPX Datasheet
389Kb / 2P
Low-Power, Dual SIM Card Analog Switch
FSA2567MPX FAIRCHILD-FSA2567MPX Datasheet
378Kb / 2P
Low-Power, Dual SIM Card Analog Switch
logo
TECH PUBLIC Electronics...
FSA2567MPX-TP TECHPUBLIC-FSA2567MPX-TP Datasheet
3Mb / 6P
Low-On Resistance, Dual SIM Card Analog Switch
More results


Similar Description - FSA2567

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
logo
Fairchild Semiconductor
FSA2567 FAIRCHILD-FSA2567 Datasheet
389Kb / 2P
Low-Power, Dual SIM Card Analog Switch
FSA2567_0711 FAIRCHILD-FSA2567_0711 Datasheet
378Kb / 2P
Low-Power, Dual SIM Card Analog Switch
logo
Integrated Device Techn...
IDTHS421V16 IDT-IDTHS421V16 Datasheet
254Kb / 12P
LOW POWER, DUAL SIM CARD HYBRID SWITCH
logo
Vishay Siliconix
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
logo
Fairchild Semiconductor
FSA2866 FAIRCHILD-FSA2866 Datasheet
617Kb / 3P
Dual-Host / Dual-SIM Card Crosspoint Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
FSA2866 ONSEMI-FSA2866 Datasheet
709Kb / 11P
Dual-Host / Dual-SIM Card Crosspoint Analog Switch
May 2011 Rev. 1.0.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com