Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1425072 Datasheet (PDF) - PHOENIX CONTACT

1425072 Datasheet PDF - PHOENIX CONTACT
Part # 1425072
Download  1425072 Download
File Size   118.88 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-performance: DC connectors for up to 16 A and 63 V DC

1425072 Datasheet (PDF)

Go To PDF Page Download Datasheet
1425072 Datasheet PDF - PHOENIX CONTACT

Part # 1425072
Download  1425072 Click to download

File Size   118.88 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-performance: DC connectors for up to 16 A and 63 V DC

1425072 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1425072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425070 PHOENIX-1425070 Datasheet
628Kb / 18P
SAC-4P-M12MRL/ 3,0-PUR - Power cable
1425071 PHOENIX-1425071 Datasheet
119Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1425073 PHOENIX-1425073 Datasheet
542Kb / 18P
SAC-4P- 1,5-PUR/M12FSL - Power cable
1425074 PHOENIX-1425074 Datasheet
107Kb / 4P
Our standard: robust halogen-free PUR cable
1425075 PHOENIX-1425075 Datasheet
108Kb / 4P
Easy and safe: 100% electrically tested plug-in components
More results


Similar Description - 1425072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414777 PHOENIX-1414777 Datasheet
116Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414802 PHOENIX-1414802 Datasheet
117Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414823 PHOENIX-1414823 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414856 PHOENIX-1414856 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414887 PHOENIX-1414887 Datasheet
115Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414891 PHOENIX-1414891 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414893 PHOENIX-1414893 Datasheet
114Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
1425013 PHOENIX-1425013 Datasheet
126Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
1425016 PHOENIX-1425016 Datasheet
127Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
1425085 PHOENIX-1425085 Datasheet
106Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com