Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F15412 Datasheet (PDF) - Ledil, Inc.

F15412 Datasheet PDF - Ledil, Inc.
Part # F15412
Download  F15412 Download
File Size   5861.93 Kbytes
Page   3 Pages
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.
Description Light diffusing sublens for symmetrical ANGELETTE reflectors

F15412 Datasheet (PDF)

Go To PDF Page Download Datasheet
F15412 Datasheet PDF - Ledil, Inc.

Part # F15412
Download  F15412 Click to download

File Size   5861.93 Kbytes
Page   3 Pages
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.
Description Light diffusing sublens for symmetrical ANGELETTE reflectors

F15412 Datasheet (HTML) - Ledil, Inc.




Similar Part No. - F15412

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F15 SEMTECH-F15 Datasheet
121Kb / 3P
RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F15 POWERBOX-F15 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F15 RFE-F15 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
New Jersey Semi-Conduct...
F15 NJSEMI-F15 Datasheet
74Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
logo
XP Power Limited
F15 XPPOWER-F15 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Similar Description - F15412

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11996 LEDIL-C11996 Datasheet
4Mb / 3P
Diffusing sublens for LENA reflectors
C12606 LEDIL-C12606 Datasheet
3Mb / 3P
Diffusing sublens for LENINA reflectors
C14169 LEDIL-C14169 Datasheet
2Mb / 3P
Clear sublens for LENA reflectors.
C15749 LEDIL-C15749 Datasheet
1Mb / 3P
Clear sublens for LENINA reflectors
C12479 LEDIL-C12479 Datasheet
1Mb / 3P
Diffusing sublens for MIRELLA reflectors.
C13333 LEDIL-C13333 Datasheet
1Mb / 3P
Clear sublens for MIRELLA reflectors
C17097 LEDIL-C17097 Datasheet
1Mb / 3P
Diffusing sublens for 횠110 mm ALISE and ELISE reflectors.
C17098 LEDIL-C17098 Datasheet
1Mb / 3P
Diffusing sublens for 횠70 mm ALISE and ELISE reflectors
C17099 LEDIL-C17099 Datasheet
1Mb / 3P
Diffusing sublens for 횠50 mm ALISE and ELISE reflectors.
F15176 LEDIL-F15176 Datasheet
1Mb / 3P
Clear protective sublens for symmetrical ANGELETTE reflectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com