Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G80 Datasheet (PDF) - STMicroelectronics

74V1G80 Datasheet PDF - STMicroelectronics
Part # 74V1G80
Download  74V1G80 Download
File Size   200.99 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP

74V1G80 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G80 Datasheet PDF - STMicroelectronics

Part # 74V1G80
Download  74V1G80 Click to download

File Size   200.99 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP

74V1G80 Datasheet (HTML) - STMicroelectronics


74V1G80 Product details

DESCRIPTION
The 74V1G80 is an advanced high-speed CMOS SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH INVERTED OUTPUT fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. it is designed to operate from 2V to 5.5V, making this device ideal for portable applications.

■ HIGH SPEED: fMAX = 180MHz (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74V1G80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G86 STMICROELECTRONICS-74V1G86 Datasheet
50Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
74V1G86 STMICROELECTRONICS-74V1G86 Datasheet
112Kb / 9P
SINGLE EXCLUSIVE OR GATE
Apr-2004
74V1G86C STMICROELECTRONICS-74V1G86C Datasheet
50Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
74V1G86CTR STMICROELECTRONICS-74V1G86CTR Datasheet
112Kb / 9P
SINGLE EXCLUSIVE OR GATE
Apr-2004
74V1G86S STMICROELECTRONICS-74V1G86S Datasheet
50Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
More results


Similar Description - 74V1G80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com