Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1870909 Datasheet (PDF) - PHOENIX CONTACT

1870909 Datasheet PDF - PHOENIX CONTACT
Part # 1870909
Download  1870909 Download
File Size   121.96 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block, nominal current: 22 A, nom. voltage: 400 V, pitch: 5.08 mm

1870909 Datasheet (PDF)

Go To PDF Page Download Datasheet
1870909 Datasheet PDF - PHOENIX CONTACT

Part # 1870909
Download  1870909 Click to download

File Size   121.96 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block, nominal current: 22 A, nom. voltage: 400 V, pitch: 5.08 mm

1870909 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1870909

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
18709 FESTO-18709 Datasheet
70Kb / 1P
Plug socket
logo
Atom Lighting
18709 ATOM-18709 Datasheet
837Kb / 2P
AT9425 (PAR38)
31st of January 2025 05:56:07
logo
PHOENIX CONTACT
1870912 PHOENIX-1870912 Datasheet
50Kb / 3P
PCB terminal block - ZFKKDSA 1,5-6,08 BK
1870925 PHOENIX-1870925 Datasheet
42Kb / 2P
PCB terminal block - ZFKKDS 1,5-5,08 BK
1870938 PHOENIX-1870938 Datasheet
59Kb / 5P
PCB terminal block - MKKDSG 3/ 2 BK
More results


Similar Description - 1870909

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLH5 PHOENIX-PLH5 Datasheet
165Kb / 6P
PCB terminal block, Nominal current: 41 A, Nom. voltage: 1000 V
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1877517 PHOENIX-1877517 Datasheet
85Kb / 6P
PCB terminal block - SMKDSNF 1.5/ 5-5.08
1877520 PHOENIX-1877520 Datasheet
85Kb / 6P
PCB terminal block - SMKDSNF 1.5/ 6-5.08
1877559 PHOENIX-1877559 Datasheet
85Kb / 6P
PCB terminal block - SMKDSNF 1.5/ 9-5.08
1888690 PHOENIX-1888690 Datasheet
108Kb / 6P
PCB terminal block - MKDSN 2.5/ 3-5.08
1889880 PHOENIX-1889880 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-2,54-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com