Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5S16861TTR Datasheet (PDF) - STMicroelectronics

B5S16861TTR Datasheet PDF - STMicroelectronics
Part # B5S16861TTR
Download  B5S16861TTR Download
File Size   189.62 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20-BIT TWO PORT BUS SWITCH

B5S16861TTR Datasheet (PDF)

Go To PDF Page Download Datasheet
B5S16861TTR Datasheet PDF - STMicroelectronics

Part # B5S16861TTR
Download  B5S16861TTR Click to download

File Size   189.62 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 20-BIT TWO PORT BUS SWITCH

B5S16861TTR Datasheet (HTML) - STMicroelectronics


B5S16861TTR Product details

DESCRIPTION
The B5S16861 is an advanced high-speed CMOS 20-BIT TWO PORT BUS SWITCH fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
It is ideal for 4V to 5.5V VCC operations and ultra-low power and low noise applications, typically notebook and docking station

■ HIGH SPEED: tPD = 0.25ns (MAX.)
   at VCC = 4.5V TA=85°C
■ ON RESISTANCE BETWEEN TWO PORT:
   5Ω (TYP) at VCC = 5.0V TA=25°C
■ LOW POWER DISSIPATION:
   ICC = 1uA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS:
   VIH=2V(MIN), VIL=0.8V(MAX)
■ POWER DOWN PROTECTION ON INPUTS
   AND OUTPUTS
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 4V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH
   74 SERIES 16861
■ IMPROVED LATCH-UP IMMUNITY
■ ESD PERFORMANCE:
   HBM > 2000V (MIL STD 883 method 3015);
   MM > 200V




Similar Part No. - B5S16861TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5S16862 STMICROELECTRONICS-B5S16862 Datasheet
207Kb / 9P
20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
Feb-2003
B5S16862TTR STMICROELECTRONICS-B5S16862TTR Datasheet
207Kb / 9P
20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
Feb-2003
More results


Similar Description - B5S16861TTR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S162861 STMICROELECTRONICS-B5S162861 Datasheet
197Kb / 9P
20-BIT TWO PORT BUS SWITCH WITH 25OHM SERIES RESISTOR IN OUTPUT
Feb-2003
logo
Integrated Device Techn...
IDT74FST1632861 IDT-IDT74FST1632861 Datasheet
78Kb / 6P
20-BIT, TWO PORT BUS SWITCH WITH RESISTOR
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16862 STMICROELECTRONICS-B5S16862 Datasheet
207Kb / 9P
20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
Feb-2003
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
20-Bit, 2-Port Bus Switch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com