Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2297031 Datasheet (PDF) - PHOENIX CONTACT

2297031 Datasheet PDF - PHOENIX CONTACT
Part # 2297031
Download  2297031 Download
File Size   90.4 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description "4 in 1" three-phase semiconductor reversing contactor with 24 V DC input, 2 A output current, emergency stop function, and adjustable overload shutdown.

2297031 Datasheet (PDF)

Go To PDF Page Download Datasheet
2297031 Datasheet PDF - PHOENIX CONTACT

Part # 2297031
Download  2297031 Click to download

File Size   90.4 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description "4 in 1" three-phase semiconductor reversing contactor with 24 V DC input, 2 A output current, emergency stop function, and adjustable overload shutdown.

2297031 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2297031

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2297002 PHOENIX-2297002 Datasheet
109Kb / 5P
UM 45-FLK14/ZFKDS
2297044 PHOENIX-2297044 Datasheet
193Kb / 6P
ELR W3-230AC/500AC- 2I
2297057 PHOENIX-2297057 Datasheet
196Kb / 6P
ELR W3- 24DC/500AC- 9I
2297060 PHOENIX-2297060 Datasheet
196Kb / 6P
ELR W3-230AC/500AC- 9I
More results


Similar Description - 2297031

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2964694 PHOENIX-2964694 Datasheet
136Kb / 4P
1-phase electronic load relay, input: 4 - 32 V DC, output: 24 - 280 V AC/ 25 A
ELR1-24DC PHOENIX-ELR1-24DC Datasheet
112Kb / 4P
Single-phase solid-state contactor, input voltage: 24 V DC, output current: 20 A, zero voltage switch
ELR3-24DC PHOENIX-ELR3-24DC Datasheet
128Kb / 5P
Three-phase solid-state contactor with 24 V DC input, 2 A output current, zero voltage switch, optionally with thermal fuse.
ELR3-230AC PHOENIX-ELR3-230AC Datasheet
128Kb / 5P
Three-phase solid-state contactor with 230 V AC input, 2 A output current, zero voltage switch, optionally with thermal fuse
ELRW3-24DC PHOENIX-ELRW3-24DC Datasheet
196Kb / 6P
"4 in 1" three-phase solid-state reversing contactor with 24 V DC input, 9 A output current and adjustable overload switching
ELRW3-230AC PHOENIX-ELRW3-230AC Datasheet
196Kb / 6P
"4 in 1" three-phase solid-state reversing contactor with 230 V AC input, 9 A output current and adjustable overload switching
logo
Schneider Electric
XPSAF5130 SCHNEIDER-XPSAF5130 Datasheet
129Kb / 3P
module XPSAF - Emergency stop - 24 V AC DC
Aug 11, 2019
XPSAF5130P SCHNEIDER-XPSAF5130P Datasheet
138Kb / 3P
module XPSAF - Emergency stop - 24 V AC DC
Aug 11, 2019
XPSAC5121P SCHNEIDER-XPSAC5121P Datasheet
120Kb / 3P
module XPSAC - Emergency stop - 24 V AC DC
Aug 10, 2019
logo
PHOENIX CONTACT
105538 PHOENIX-105538 Datasheet
466Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 10 A
2014-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com