Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2174Q Datasheet (PDF) - Maxim Integrated Products

DS2174Q Datasheet PDF - Maxim Integrated Products
Part # DS2174Q
Download  DS2174Q Download
File Size   117.03 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description EBERT

DS2174Q Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2174Q Datasheet PDF - Maxim Integrated Products

Part # DS2174Q
Download  DS2174Q Click to download

File Size   117.03 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description EBERT

DS2174Q Datasheet (HTML) - Maxim Integrated Products


DS2174Q Product details

DESCRIPTION
The DS2174 enhanced bit error rate tester (EBERT) is a software-programmable test-pattern generator, receiver, and analyzer capable of meeting the most stringent error-performance requirements of digital transmission facilities. It features bit-serial, nibble-parallel, and byte-parallel data interfaces, and generates and uniquely synchronizes to pseudorandom patterns of the form 2n - 1, where n can take on values from 1 to 32, and user-defined repetitive patterns of any length up to 512 octets.

FEATURES
■ Generates and detects digital patterns for analyzing and trouble-shooting digital communications systems
■ Programmable polynomial length and feedback taps for generation of any pseudorandom patterns up to 232 - 1; up to 32 taps can be used in the feedback path
■ Programmable, user-defined pattern registers for long repetitive patterns up to 512 bytes in length
■ Large 48-bit count and bit error count registers
■ Software-programmable bit error insertion
■ Fully independent transmit and receive paths
■ 8-bit parallel-control port
■ Detects polynomial test patterns in the presence of bit error rates up to 10-2
■ Programmable for serial, 4-bit parallel, or 8-bit parallel data interfaces
■ Serial mode clock rate is 155MHz; byte mode is 80MHz for a net 622Mbps; OC-3
■ Available in 44-pin PLCC

APPLICATIONS
■ Routers
■ Channel Service Units (CSUs)
■ Data Service Units (DSUs)
■ Muxes
■ Switches
■ Digital-to-Analog Converters (DACs)
■ CPE Equipment
■ Bridges
■ Smart Jack




Similar Part No. - DS2174Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2174Q MAXIM-DS2174Q Datasheet
263Kb / 24P
EBERT
091302
More results


Similar Description - DS2174Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2174Q MAXIM-DS2174Q Datasheet
263Kb / 24P
EBERT
091302
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com