Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB531 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SB531 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SB531
Download  2SB531 Download
File Size   128.34 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistors

2SB531 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB531 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SB531
Download  2SB531 Click to download

File Size   128.34 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistors

2SB531 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2SB531 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= -100V(Min)
• High Power Dissipation- : PC= 50W(Max)@TC=25℃
• Complement to Type 2SD371

APPLICATIONS
• Designed for power amplifier applications.




Similar Part No. - 2SB531

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SB531 ETC-2SB531 Datasheet
36Kb / 1P
SILICON PNP TRIPLE DIFFUSED MESA TRANSISTOR
logo
Savantic, Inc.
2SB531 SAVANTIC-2SB531 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB531 ISC-2SB531 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB531 SAVANTIC-2SB531 Datasheet
114Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SB531

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com