Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB552 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SB552 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SB552
Download  2SB552 Download
File Size   127.87 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistors

2SB552 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB552 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SB552
Download  2SB552 Click to download

File Size   127.87 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistors

2SB552 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2SB552 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO=-180V(Min)
• High Power Dissipation- : Pc= 150W(Max)@Tc=25°C
• Complement to Type 2SD552

APPLICATIONS
• High power amplifier applications.
• High power switching applications.
• DC-DC converter and regulator applications.




Similar Part No. - 2SB552

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB552 ISC-2SB552 Datasheet
128Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB552 SAVANTIC-2SB552 Datasheet
108Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB552 JMNIC-2SB552 Datasheet
150Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB552 SAVANTIC-2SB552 Datasheet
110Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB552 JMNIC-2SB552_15 Datasheet
150Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SB552

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com