Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB601 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SB601 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SB601
Download  2SB601 Download
File Size   133.09 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Darlington Power Transistor

2SB601 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB601 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SB601
Download  2SB601 Click to download

File Size   133.09 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Darlington Power Transistor

2SB601 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2SB601 Product details

DESCRIPTION
• High DC Current Gain-
   : hFE = 2000(Min)@ lc=-3A
• Collector-Emitter Sustaining Voltage-
   : VCEO(sus)=-100V(Min)
• Low Collector-Emitter Saturation Voltage-
   : VCE(sat) = -1.5V(Max)@lc=-3A

APPLICATIONS
• Designed for use in low-frequency power amplifiers and low-speed switching applications.
• Ideal for use in direct drive from 1C output for magnet drivers such as terminal equipment or cash registers.




Similar Part No. - 2SB601

ManufacturerPart #DatasheetDescription
logo
NEC
2SB601 NEC-2SB601 Datasheet
110Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
Savantic, Inc.
2SB601 SAVANTIC-2SB601 Datasheet
117Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB601 JMNIC-2SB601 Datasheet
177Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB601 ISC-2SB601 Datasheet
150Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB601 SAVANTIC-2SB601 Datasheet
118Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SB601

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N6285 COMSET-2N6285 Datasheet
80Kb / 3P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com