Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFH60N20F Datasheet (PDF) - IXYS Corporation

IXFH60N20F Datasheet PDF - IXYS Corporation
Part # IXFH60N20F
Download  IXFH60N20F Download
File Size   104.28 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerRFTM Power MOSFETs

IXFH60N20F Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFH60N20F Datasheet PDF - IXYS Corporation

Part # IXFH60N20F
Download  IXFH60N20F Click to download

File Size   104.28 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerRFTM Power MOSFETs

IXFH60N20F Datasheet (HTML) - IXYS Corporation


IXFH60N20F Product details

HiPerRFTM Power MOSFETs
F-Class: MegaHertz Switching

N-Channel Enhancement Mode
Avalanche Rated, Low Qg, Low Intrinsic Rg High dV/dt, Low trr

Features
• RF capable MOSFETs
• Double metal process for low gate resistance
• Unclamped Inductive Switching (UIS) rated
• Low package inductance - easy to drive and to protect
• Fast intrinsic rectifier

Applications
• DC-DC converters
• Switched-mode and resonant-mode power supplies, >500kHz switching
• DC choppers
• 13.5 MHz industrial applications
• Pulse generation
• Laser drivers
• RF amplifiers

Advantages
• Space savings
• High power density




Similar Part No. - IXFH60N20F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH60N20F ISC-IXFH60N20F Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH60N20F IXYS-IXFH60N20F_08 Datasheet
103Kb / 2P
HiPerRF Power MOSFET F-Class: MegaHertz Switching
More results


Similar Description - IXFH60N20F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT6N100F IXYS-IXFT6N100F Datasheet
820Kb / 4P
Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
logo
List of Unclassifed Man...
SMOS21N50 ETC-SMOS21N50 Datasheet
141Kb / 2P
Power MOSFETs
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
POWER MOSFETS
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
Power MOSFETS
logo
Sirectifier Semiconduct...
SMOS21N50 SIRECTIFIER-SMOS21N50 Datasheet
143Kb / 2P
Power MOSFETs
logo
IXYS Corporation
IXFX55N50F IXYS-IXFX55N50F Datasheet
1Mb / 4P
HiPerRFTM Power MOSFETs
IXFT16N120P IXYS-IXFT16N120P_V01 Datasheet
135Kb / 6P
Power MOSFETs
IXFV52N30P IXYS-IXFV52N30P_V01 Datasheet
195Kb / 6P
Power MOSFETs
logo
Vishay Siliconix
SIHF9630 VISHAY-SIHF9630_V01 Datasheet
153Kb / 9P
Power MOSFETS
21-Mar-11
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com