Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36W0R6040T0 Datasheet (PDF) - STMicroelectronics

M36W0R6040T0 Datasheet PDF - STMicroelectronics
Part # M36W0R6040T0
Download  M36W0R6040T0 Download
File Size   346.99 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package

M36W0R6040T0 Datasheet (PDF)

Go To PDF Page Download Datasheet
M36W0R6040T0 Datasheet PDF - STMicroelectronics

Part # M36W0R6040T0
Download  M36W0R6040T0 Click to download

File Size   346.99 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package

M36W0R6040T0 Datasheet (HTML) - STMicroelectronics


M36W0R6040T0 Product details

SUMMARY DESCRIPTION

The M36W0R6040T0 and M36W0R6040B0 are Multiple Memory Products which combine two memory devices; a 64-Mbit, Multiple Bank Flash memories, the M58WR064FT/B, and a 16-Mbit Pseudo SRAM, the M69AR024B. Recommended operating conditions do not allow more than one memory to be active at the same time. The memory is offered in a Stacked TFBGA88 (8x10mm, 8x10 ball array, 0.8mm pitch) package.

In addition to the standard version, the packages are also available in Lead-free version, in compliance with JEDEC Std J-STD-020B, the ST ECO PACK 7191395 Specification, and the RoHS (Restriction of Hazardous Substances) directive.

All packages are compliant with Lead-free soldering processes.



FEATURES SUMMARY

■ MULTI-CHIP PACKAGE

   – 1 die of 64 Mbit (4Mb x 16) Flash Memory

   – 1 die of 16 Mbit (1Mb x 16) Pseudo SRAM

■ SUPPLY VOLTAGE

   – VDDF = VDDP = VDDQ = 1.7V to 1.95V

■ LOW POWER CONSUMPTION

■ ELECTRONIC SIGNATURE

   – Manufacturer Code: 20h

   – Device Code (Top Flash Configuration), M36W0R6040T0: 8810h

   – Device Code (Bottom Flash Configuration), M36W0R6040B0: 8811h

■ PACKAGES

   – Compliant with Lead-Free Soldering Processes

   – Lead-Free Versions



FLASH MEMORY

■ PROGRAMMING TIME

   – 8µs by Word typical for Fast Factory Program

   – Double/Quadruple Word Program option

   – Enhanced Factory Program options

■ MEMORY BLOCKS

   – Multiple Bank Memory Array: 4 Mbit Banks

   – Parameter Blocks (Top location)

■ SYNCHRONOUS / ASYNCHRONOUS READ

   – Synchronous Burst Read mode: 66MHz

   – Asynchronous/ Synchronous Page Read mode

   – Random Access: 70ns

■ DUAL OPERATIONS

   – Program Erase in one Bank while Read in others

   – No delay between Read and Write operations

■ BLOCK LOCKING

   – All blocks locked at Power-up

   – Any combination of blocks can be locked

   – WPF for Block Lock-Down

■ SECURITY

   – 128-bit user programmable OTP cells

   – 64-bit unique device number

■ COMMON FLASH INTERFACE (CFI)

■ 100,000 PROGRAM/ERASE CYCLES per BLOCK



PSRAM

■ ACCESS TIME: 70ns

■ LOW STANDBY CURRENT: 110µA

■ DEEP POWER DOWN CURRENT: 10µA



 




Similar Part No. - M36W0R6040T0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36W0R6040T1 NUMONYX-M36W0R6040T1 Datasheet
441Kb / 22P
64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R6040T3 NUMONYX-M36W0R6040T3 Datasheet
468Kb / 22P
64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
M36W0R6040T3ZAQE NUMONYX-M36W0R6040T3ZAQE Datasheet
468Kb / 22P
64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
M36W0R6040T3ZAQF NUMONYX-M36W0R6040T3ZAQF Datasheet
468Kb / 22P
64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
More results


Similar Description - M36W0R6040T0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
10-Jul-2002
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
07-Dec-2003
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
28-Nov-2005
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
20-Jul-2006
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
13-Jul-2006
M36W0R6030T0 STMICROELECTRONICS-M36W0R6030T0 Datasheet
448Kb / 26P
64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
10-Dec-2004
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com