Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8594 Datasheet (PDF) - Maxim Integrated Products

MAX8594 Datasheet PDF - Maxim Integrated Products
Part # MAX8594
Download  MAX8594 Download
File Size   691.93 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs

MAX8594 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8594 Datasheet PDF - Maxim Integrated Products

Part # MAX8594
Download  MAX8594 Click to download

File Size   691.93 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs

MAX8594 Datasheet (HTML) - Maxim Integrated Products


MAX8594 Product details

General Description
The MAX8594/MAX8594A complete power-management chips for low-cost personal digital assistants (PDAs) operates from a 1-cell lithium-ion (Li+) or 3-cell NiMH battery. They include all regulators, outputs, and voltage monitors necessary for small portable devices while requiring a bare minimum of external components. Featured are three linear regulators, a boost DC-DC converter for LCD bias, an efficient 4MHz buck DC-DC converter for core power, a microprocessor (µP) reset output, and low-battery shutdown in a 0.8mm high thin QFN package.

Features
♦ Minimum External Components
♦ Efficient Step-Down DC-DC Powers CPU Core
♦ 1V/1.3V Selectable Core Voltage, 400mA (MAX8594)
♦ 1.3V/1.8V Selectable Core Voltage, 400mA (MAX8594A)
♦ Main LDO 3.3V, 500mA
♦ SD Card Output 3.3V, 500mA
♦ Second Core LDO 1.8V, 50mA
♦ High-Efficiency LCD Boost
♦ LCD 0V True Shutdown when Off
♦ 46µA Quiescent Current

Applications
    PDAs
    Organizers
    Cellular and Cordless Phones
    MP3 Players
    Handheld Devices




Similar Part No. - MAX8594

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8595 MAXIM-MAX8595 Datasheet
257Kb / 10P
High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X MAXIM-MAX8595X Datasheet
229Kb / 8P
High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595X MAXIM-MAX8595X Datasheet
257Kb / 10P
High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X-MAX8596X MAXIM-MAX8595X-MAX8596X Datasheet
229Kb / 8P
High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595XETA MAXIM-MAX8595XETA Datasheet
229Kb / 8P
High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
More results


Similar Description - MAX8594

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
logo
List of Unclassifed Man...
RT9237 ETC-RT9237 Datasheet
323Kb / 15P
MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
MAX1559 MAXIM-MAX1559 Datasheet
526Kb / 14P
5-Output Power-Management IC For Low-Cost PDAs
Rev 1; 10/03
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
Two-Phase DC/DC Controller for CPU Core Power Supply
logo
MicroPower Direct, LLC
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
Low Cost, 2W SMT Dual Output DC/DC Converters
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
Low Cost, 2W SMT Single Output DC/DC Converters
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
logo
Murata Manufacturing Co...
MYMGC0R88RFLF2RV MURATA1-MYMGC0R88RFLF2RV Datasheet
1Mb / 17P
MonoBlock type POL, Low output 8A DC-DC converter series for core
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com