Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT16543T Datasheet (PDF) - Pericom Semiconductor Corporation

PI74FCT16543T Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74FCT16543T
Download  PI74FCT16543T Download
File Size   74.74 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 16-Bit Latched Transceivers

PI74FCT16543T Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74FCT16543T Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74FCT16543T
Download  PI74FCT16543T Click to download

File Size   74.74 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 16-Bit Latched Transceivers

PI74FCT16543T Datasheet (HTML) - Pericom Semiconductor Corporation


PI74FCT16543T Product details

Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are pro duced in the Company’s advanced 0.6 micron CMOS technology, achieving industry leading speed grades.

Product Features:
Common Features:
• PI74FCT16543T, PI74FCT162543T and PI74FCT162H543T are high-speed, low power devices with high current drive.
• VCC= 5V ±10%
• Hysteresis on all inputs
• Packages available:
    – 56-pin 240 mil wide plastic TSSOP (A)
    – 56-pin 300 mil wide plastic SSOP (V)

PI74FCT16543T Features:
• High output drive: IOH = –32 mA; IOL = 64 mA
• Power off disable outputs permit “live insertion”
• Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V, TA = 25°C

PI74FCT162543T Features:
• Balanced output drivers: ±24 mA
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25°C

PI74FCT162H543T Features:
• Bus Hold retains last active state during 3-state
• Eliminates the need for external pull-up resistors




Similar Part No. - PI74FCT16543T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16541 PERICOM-PI74FCT16541 Datasheet
61Kb / 6P
Fast CMOS 16-Bit Octal Buffer/Line Drivers
More results


Similar Description - PI74FCT16543T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
16-Bit Latched Transceivers
logo
Integrated Device Techn...
IDT74FCT16245T IDT-IDT74FCT16245T Datasheet
185Kb / 10P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
Fast CMOS 16-Bit Bidirectional Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
Fast CMOS 16-Bit Registered Transceivers
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
Fast CMOS 16-Bit Latched Transceivers
PI74FCT543T PERICOM-PI74FCT543T Datasheet
88Kb / 5P
Fast CMOS Latched Transceivers
logo
Texas Instruments
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
16-Bit Latched Transceivers
logo
Integrated Device Techn...
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com