Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSW-308 Datasheet (PDF) - Stanford Microdevices

SSW-308 Datasheet PDF - Stanford Microdevices
Part # SSW-308
Download  SSW-308 Download
File Size   80.12 Kbytes
Page   2 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-3 GHz Low Cost GaAs MMIC SPDT Switch

SSW-308 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSW-308 Datasheet PDF - Stanford Microdevices

Part # SSW-308
Download  SSW-308 Click to download

File Size   80.12 Kbytes
Page   2 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-3 GHz Low Cost GaAs MMIC SPDT Switch

SSW-308 Datasheet (HTML) - Stanford Microdevices


SSW-308 Product details

Product Description
Stanford Microdevices’ SSW-308 is a high perfomance Gallium Arsenide Field Effect Transistor MMIC switch housed in a low-cost surface-mountable small outline plastic package.

Product Features
• Fast Switching Speed : 3nsec
• HIgh LInearity : +47dBm IP3
• Ultra Low DC Power Consumption
• Low Insertion Loss : 0.7dB at 1GHz
• Low Cost Small Outline Plastic Package

Applications
• Digital Cellular
• Spread Spectrum




Similar Part No. - SSW-308

ManufacturerPart #DatasheetDescription
logo
C&K Components
SSW-1-1-5-S01-R370 CK-COMPONENTS-SSW-1-1-5-S01-R370 Datasheet
522Kb / 3P
Surface Mount Mini Size 2 Pole Snap-acting Switches
28 Jun 21
logo
Samtec, Inc
SSW-101-01 SAMTEC-SSW-101-01 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-02 SAMTEC-SSW-101-02 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-03 SAMTEC-SSW-101-03 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
SSW-101-04 SAMTEC-SSW-101-04 Datasheet
267Kb / 2P
THROUGH-HOLE .025" SQ POST SOCKET
Rev 10OCT17
More results


Similar Description - SSW-308

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8 Datasheet
176Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_08 Datasheet
178Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545A AD-HMC545A Datasheet
341Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com