Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB992 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SB992 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SB992
Download  2SB992 Download
File Size   131.79 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistor

2SB992 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB992 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SB992
Download  2SB992 Click to download

File Size   131.79 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistor

2SB992 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2SB992 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEo= -SOV(Min)
• Collector Power Dissipation- : Pc= 40W@ Tc= 25C
• Low Collector Saturation Voltage- : VCE(sa.)= -0.5V(Max)@ lc= -4A
• Complement to Type 2SD1362

APPLICATIONS
• High current switching applications.
• Power amplifier applications.




Similar Part No. - 2SB992

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB992 SAVANTIC-2SB992 Datasheet
97Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB992 ISC-2SB992 Datasheet
259Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SB992 SAVANTIC-2SB992 Datasheet
99Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SB992

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com