Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1468 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SB1468 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SB1468
Download  2SB1468 Download
File Size   128.25 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistor

2SB1468 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1468 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SB1468
Download  2SB1468 Click to download

File Size   128.25 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistor

2SB1468 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2SB1468 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= -30V(Min)
• Low Collector Saturation Voltage- : VCE(sat)= -0.5V(Max)@ (IC= -5A, IB= -0.25A)
• Complement to Type 2SD2219

APPLICATIONS
• Designed for high-speed inverters,converters.




Similar Part No. - 2SB1468

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1468 SANYO-2SB1468 Datasheet
113Kb / 3P
30V/8A High-Speed Switching Applications
logo
Inchange Semiconductor ...
2SB1468 ISC-2SB1468 Datasheet
261Kb / 2P
isc Silicon PNP Power Transistor
More results


Similar Description - 2SB1468

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com