Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH29 Datasheet (PDF) - Hirose Electric

FH29 Datasheet PDF - Hirose Electric
Part # FH29
Download  FH29 Download
File Size   291.67 Kbytes
Page   1 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors

FH29 Datasheet (PDF)

Go To PDF Page Download Datasheet
FH29 Datasheet PDF - Hirose Electric

Part # FH29
Download  FH29 Click to download

File Size   291.67 Kbytes
Page   1 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors

FH29 Datasheet (HTML) - Hirose Electric




Similar Part No. - FH29

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH2 GOOD-ARK-FH2 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
HAKKO Corporation
FH200-01 HAKKO-FH200-01 Datasheet
533Kb / 2P
Heavy Duty Soldering Iron and Tips
Rev 2007-12
FH200-81 HAKKO-FH200-81 Datasheet
423Kb / 2P
Micro Soldering Iron kit
logo
FOOSUNG CO, LTD.
FH20020-24 FOOSUNG-FH20020-24 Datasheet
408Kb / 1P
2.0P HOUSING 24P 6.2H
logo
Sanyo Semicon Device
FH201 SANYO-FH201 Datasheet
75Kb / 8P
VCO OSC Circuit Applications
More results


Similar Description - FH29

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
0.4 mm Pitch, Space-saving Interface Connectors
logo
Panasonic Semiconductor
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
P-tec Corporation
PL104-1R1Y2G240113 P-TEC-PL104-1R1Y2G240113 Datasheet
32Kb / 1P
Space saving Circuit Board Indicator
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
space-saving
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
For space saving application
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
logo
PHOENIX CONTACT
2702491 PHOENIX-2702491 Datasheet
68Kb / 3P
Space saving, thanks to the low height
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
SPACE-SAVING FAN HEATER
08.09.2021
HVI030 STEGO-HVI030 Datasheet
265Kb / 1P
SPACE-SAVING FAN HEATER
19.03.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com