Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8535-01 Datasheet (PDF) - Integrated Device Technology

ICS8535-01 Datasheet PDF - Integrated Device Technology
Part # ICS8535-01
Download  ICS8535-01 Download
File Size   424.32 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LVPECL Fanout Buffer

ICS8535-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8535-01 Datasheet PDF - Integrated Device Technology

Part # ICS8535-01
Download  ICS8535-01 Click to download

File Size   424.32 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LVPECL Fanout Buffer

ICS8535-01 Datasheet (HTML) - Integrated Device Technology


ICS8535-01 Product details

GENERAL DESCRIPTION
The ICS8535-01 is a low skew, high performance 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL fanout buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from IDT. The ICS8535-01 has two single ended clock inputs.

FEATURES
• Four differential 3.3V LVPECL outputs
• Selectable CLK0 or CLK1 inputs for redundant
   and multiple frequency fanout applications
• CLK0 or CLK1 can accept the following input levels: LVCMOS
   or LVTTL
• Maximum output frequency: 266MHz
• Translates LVCMOS and LVTTL levels to
   3.3V LVPECL levels
• Output skew: 30ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.9ns (maximum)
• Additve phase jitter, RMS: < 0.09ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
   packages




Similar Part No. - ICS8535-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
More results


Similar Description - ICS8535-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S011BI IDT-853S011BI_16 Datasheet
315Kb / 20P
LVPECL/ ECL Fanout Buffer
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
LVPECL Output Fanout Buffer
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
LVPECL Output Fanout Buffer
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
LVPECL Fanout Buffer
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
LVPECL Fanout Buffer
ICS853S031I IDT-ICS853S031I Datasheet
1,005Kb / 22P
LVPECL/ECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
LVPECL FANOUT BUFFER
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
LVPECL Fanout Buffer
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
LVPECL Fanout Buffer
logo
Diodes Incorporated
PI6C5912016-01 DIODES-PI6C5912016-01 Datasheet
1Mb / 12P
16Output LVPECL Fanout Buffer
Rev 1-2
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com