Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2200923 Datasheet (PDF) - PHOENIX CONTACT

2200923 Datasheet PDF - PHOENIX CONTACT
Part # 2200923
Download  2200923 Download
File Size   51.04 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel mounting base, Lower part, Color: aluminum, Width: 235 mm

2200923 Datasheet (PDF)

Go To PDF Page Download Datasheet
2200923 Datasheet PDF - PHOENIX CONTACT

Part # 2200923
Download  2200923 Click to download

File Size   51.04 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel mounting base, Lower part, Color: aluminum, Width: 235 mm

2200923 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2200923

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200920 PHOENIX-2200920 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 130 mm
2200921 PHOENIX-2200921 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 165 mm
2200922 PHOENIX-2200922 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 200 mm
2200924 PHOENIX-2200924 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 990 mm
2200925 PHOENIX-2200925 Datasheet
42Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 42.5 mm, Constructional height: 2 mm
More results


Similar Description - 2200923

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200902 PHOENIX-2200902 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 100 mm
2200903 PHOENIX-2200903 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 150 mm
2200904 PHOENIX-2200904 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 200 mm
2200905 PHOENIX-2200905 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 1000 mm
2200921 PHOENIX-2200921 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 165 mm
2200936 PHOENIX-2200936 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 60 mm
2200938 PHOENIX-2200938 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 130 mm
2200939 PHOENIX-2200939 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 165 mm
2200940 PHOENIX-2200940 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 200 mm
2200941 PHOENIX-2200941 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 235 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com