Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3190195 Datasheet (PDF) - PHOENIX CONTACT

3190195 Datasheet PDF - PHOENIX CONTACT
Part # 3190195
Download  3190195 Download
File Size   52.2 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Connector housing - STG 8-RV/L

3190195 Datasheet (PDF)

Go To PDF Page Download Datasheet
3190195 Datasheet PDF - PHOENIX CONTACT

Part # 3190195
Download  3190195 Click to download

File Size   52.2 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Connector housing - STG 8-RV/L

3190195 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 3190195

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
319010A MOLEX3-319010A Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 10 Circuits
319010A MOLEX11-319010A Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 10 Circuits, Tin (Sn) Plating
319010AG MOLEX3-319010AG Datasheet
98Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 10 Circuits
319011A MOLEX3-319011A Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 11 Circuits, Tin (Sn) Plating
319011A MOLEX11-319011A Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 11 Circuits, Tin (Sn) Plating
More results


Similar Description - 3190195

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
RV SHARMA-RV Datasheet
351Kb / 2P
RV Series
logo
PHOENIX CONTACT
3190315 PHOENIX-3190315 Datasheet
49Kb / 2P
Connector housing - STG 1-VKK4
3193134 PHOENIX-3193134 Datasheet
48Kb / 2P
Strain relief, for STG 8-pos. connector housings, with single-sided coupling spring, color: black
3191042 PHOENIX-3191042 Datasheet
39Kb / 1P
RV 8-TP(2,4X0,8)L-WW(1X1)
3191217 PHOENIX-3191217 Datasheet
40Kb / 1P
RV 8-TP(2,4X0,8)Q
3191013 PHOENIX-3191013 Datasheet
124Kb / 10P
Marshalling distributor - RV 8-TP(2,4X0,8)L
3191327 PHOENIX-3191327 Datasheet
54Kb / 2P
Pair of marking masks - KZMP-RV 8:A-H
3191330 PHOENIX-3191330 Datasheet
92Kb / 2P
KZMP-RV 8:1-8
3190438 PHOENIX-3190438 Datasheet
113Kb / 3P
STG-MTN 0,5-1,0
3190506 PHOENIX-3190506 Datasheet
113Kb / 3P
STG-MTN 1,5-2,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com