Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH40 Datasheet (PDF) - Hirose Electric

FH40 Datasheet PDF - Hirose Electric
Part # FH40
Download  FH40 Download
File Size   669.0 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC

FH40 Datasheet (PDF)

Go To PDF Page Download Datasheet
FH40 Datasheet PDF - Hirose Electric

Part # FH40
Download  FH40 Click to download

File Size   669.0 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC

FH40 Datasheet (HTML) - Hirose Electric




Similar Part No. - FH40

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH4 GOOD-ARK-FH4 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH41 HIROSE-FH41 Datasheet
780Kb / 8P
0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
FH41-15S-0.5SH HIROSE-FH41-15S-0.5SH Datasheet
780Kb / 8P
0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
FH41-19S-03SHW HIROSE-FH41-19S-03SHW Datasheet
1Mb / 10P
0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH41-20S-0.5SH HIROSE-FH41-20S-0.5SH Datasheet
780Kb / 8P
0.5mm Pitch, 2.5mm Height, shielded FFC Connectors for High Speed Transmissions
More results


Similar Description - FH40

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
FHY CONNECTOR 0.5mm pitch/Connectors for FPC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com