Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT61A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BDT61A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BDT61A
Download  BDT61A Download
File Size   136.05 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Darlington Power Transistors

BDT61A Datasheet (PDF)

Go To PDF Page Download Datasheet
BDT61A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BDT61A
Download  BDT61A Click to download

File Size   136.05 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Darlington Power Transistors

BDT61A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BDT61A Product details

DESCRIPTION
• DC Current Gain -hFE = 750(Min)@ IC= 1.5A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS) = 60V(Min)- BDT61; 80V(Min)- BDT61A; 100V(Min)- BDT61B; 120V(Min)- BDT61C
• Complement to Type BDT60/A/B/C

APPLICATIONS
• Designed for use in audio amplifier output stages , general purpose amplifier and high speed switching applications




Similar Part No. - BDT61A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDT61A POINN-BDT61A Datasheet
109Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDT61A BOURNS-BDT61A Datasheet
108Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDT61A ISC-BDT61A Datasheet
264Kb / 2P
isc Silicon NPN Darlington Power Transistors
BDT61AF ISC-BDT61AF Datasheet
278Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Similar Description - BDT61A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2560 ISC-2SD2560 Datasheet
137Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SD2386 SAVANTIC-2SD2386 Datasheet
127Kb / 3P
Silicon NPN Darlington Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com