Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2907460 Datasheet (PDF) - PHOENIX CONTACT

2907460 Datasheet PDF - PHOENIX CONTACT
Part # 2907460
Download  2907460 Download
File Size   68.54 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Housing upper part, complete with PCB termination blocks for full equipping. 12-pos., housing width: 17.5 mm

2907460 Datasheet (PDF)

Go To PDF Page Download Datasheet
2907460 Datasheet PDF - PHOENIX CONTACT

Part # 2907460
Download  2907460 Click to download

File Size   68.54 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Housing upper part, complete with PCB termination blocks for full equipping. 12-pos., housing width: 17.5 mm

2907460 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2907460

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907466 PHOENIX-2907466 Datasheet
227Kb / 5P
LM-S-UWA - Mounting adapter
More results


Similar Description - 2907460

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2278966 PHOENIX-2278966 Datasheet
77Kb / 6P
Component housing, Upper part, Color: green, Width: 22.5 mm, Constructional height: 38.5 mm
2707738 PHOENIX-2707738 Datasheet
52Kb / 3P
Upper part of housing, double-level, for COMBICON connection, housing width: 35 mm
2853734 PHOENIX-2853734 Datasheet
61Kb / 4P
Housing upper part, complete with PCB termination blocks for full equipping. 16-pos., housing width: 22.5 mm
2854775 PHOENIX-2854775 Datasheet
66Kb / 5P
Component housing, Upper part, Color: light gray, Width: 12.5 mm, Constructional height: 38.5 mm
2869032 PHOENIX-2869032 Datasheet
69Kb / 4P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2907428 PHOENIX-2907428 Datasheet
69Kb / 5P
Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
2907444 PHOENIX-2907444 Datasheet
72Kb / 4P
Housing upper part, complete with 4 pairs of COMBICON headers and plugs
2907457 PHOENIX-2907457 Datasheet
61Kb / 4P
Housing upper part, complete with PCB terminal blocks for full assembly. 8-pos., housing width: 12.5 mm
2909743 PHOENIX-2909743 Datasheet
116Kb / 9P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
Component housing, Color: blue, Width: 17.5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com