Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5867 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5867 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5867
Download  2N5867 Download
File Size   127.16 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 2N5840

2N5867 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5867 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5867
Download  2N5867 Click to download

File Size   127.16 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 2N5840

2N5867 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5867 Product details

DESCRIPTION
• Low Collector Saturation Voltage- : VCE(sat)= -1.0V(Max.)@ lc= -5A
• DC Current Gain- : hFE=20-100@lc=-1.5A

APPLICATIONS
• Designed for medium-speed switching and amplifier applications.




Similar Part No. - 2N5867

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5867 SEME-LAB-2N5867 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
Savantic, Inc.
2N5867 SAVANTIC-2N5867 Datasheet
111Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N5867 ISC-2N5867 Datasheet
131Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2N5867 SAVANTIC-2N5867 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com