Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5930 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5930 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5930
Download  2N5930 Download
File Size   130.63 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Power Transistors

2N5930 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5930 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5930
Download  2N5930 Click to download

File Size   130.63 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Power Transistors

2N5930 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5930 Product details

DESCRIPTION
• DC Current Gain- : hFE= 20-100@IC= 10A
• Low Collector Saturation Voltage- : VCE(sat)= 1.0V(Max)@ IC= 15A

APPLICATIONS
• Designed for general purpose power amplifier and switching applications.




Similar Part No. - 2N5930

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5930 SEME-LAB-2N5930 Datasheet
12Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
2N5930 ISC-2N5930 Datasheet
142Kb / 2P
isc Silicon NPN Power Transistors
More results


Similar Description - 2N5930

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com