Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2869 Datasheet (PDF) - NEC

2SC2869 Datasheet PDF - NEC
Part # 2SC2869
Download  2SC2869 Download
File Size   31.88 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Low Noise Amplifier of VHF & UHF band

2SC2869 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2869 Datasheet PDF - NEC

Part # 2SC2869
Download  2SC2869 Click to download

File Size   31.88 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Low Noise Amplifier of VHF & UHF band

2SC2869 Datasheet (HTML) - NEC


2SC2869 Product details

DESCRIPTION AND APPLICATIONS
The NE219 series of NPN silicon bipolar transistors is designed for small signal amplifier and oscillator applications up 6 GHz. 

FEATURES
● HIGH fr: 8 GHz
● LOW NOISE:
   1 dB at 0.5 GHz
   2.2 dB at 2 GHz
● HIGH COLLECTOR CURRENT: 80 mA
● HIGH OSCILLATOR POWER OUTPUT:
   100 mW at 6 GHz
● EXCELLENT GENERAL PURPOSE TRANSOSTOR




Similar Part No. - 2SC2869

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2869 NEC-2SC2869 Datasheet
550Kb / 12P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Similar Description - 2SC2869

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT6L54E TOSHIBA-MT6L54E Datasheet
87Kb / 3P
VHF-UHF Band Low Noise Amplifier Application
MT4S04A TOSHIBA-MT4S04A Datasheet
109Kb / 2P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT4S03A TOSHIBA-MT4S03A_07 Datasheet
107Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT4S07 TOSHIBA-MT4S07_07 Datasheet
159Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6L77FS TOSHIBA-MT6L77FS Datasheet
106Kb / 3P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT6L71FS TOSHIBA-MT6L71FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L63FS TOSHIBA-MT6L63FS Datasheet
106Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L58AFS TOSHIBA-MT6L58AFS Datasheet
110Kb / 3P
VHF~UHF Band Low-Noise Amplifier Applications
MT6L04AE TOSHIBA-MT6L04AE_07 Datasheet
110Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
MT6C04AE TOSHIBA-MT6C04AE_07 Datasheet
117Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com