Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

514MLFT Datasheet (PDF) - Integrated Device Technology

514MLFT Datasheet PDF - Integrated Device Technology
Part # 514MLFT
Download  514MLFT Download
File Size   192.63 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PLL CLOCK GENERATOR

514MLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
514MLFT Datasheet PDF - Integrated Device Technology

Part # 514MLFT
Download  514MLFT Click to download

File Size   192.63 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PLL CLOCK GENERATOR

514MLFT Datasheet (HTML) - Integrated Device Technology


514MLFT Product details

Description
The ICS514 LOCOTM is the most cost effective way to generate a high-quality, high-frequency clock output from a 14.31818 MHz crystal or clock input. The name LOCO stands for Low Cost Oscillator, as it is designed to replace crystal oscillators in most electronic systems. Using Phase-Locked Loop (PLL) techniques, the device uses a standard, inexpensive crystal to produce output clocks up to 66.66 MHz.

Features
• Packaged as 8-pin SOIC or die
• Pb (lead) free package
• IDT’s lowest cost PLL clock plus reference
• Produces common computer frequencies
• Input crystal frequency typically 14.3182 MHz
• Output clock frequencies up to 66.66 MHz from a 14.3182 MHz crystal or input clock
• Low jitter of 50 ps (one sigma)
• Compatible with all popular CPUs
• Duty cycle of 45/55
• Custom frequencies available
• Operating voltage of 3.3 V to 5.5 V
• Power-down mode turns off chip
• 25 mA drive capability at TTL levels
• Advanced, low-power CMOS process




Similar Part No. - 514MLFT

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
514 MARL-514 Datasheet
373Kb / 4P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
514 ETC2-514 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Walther-Werke
514 WALTHER-514 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Marl International Limi...
514-102-04 MARL-514-102-04 Datasheet
305Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
514-102-04 MARL-514-102-04 Datasheet
373Kb / 4P
횠12.7mm mounting Robust bright nickel plated brass housing
More results


Similar Description - 514MLFT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
LOCO??PLL Clock Generator
Revision 080699
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
PLL clock generator series
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
PLL clock generator series
logo
Analog Devices
ADF4001 AD-ADF4001_15 Datasheet
860Kb / 17P
200 MHz Clock Generator PLL
REV. B
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
PLL clock generator series
RD151TS502US RENESAS-RD151TS502US_15 Datasheet
121Kb / 9P
PLL clock generator series
logo
Analog Devices
AD9576 AD-AD9576 Datasheet
1Mb / 65P
Dual PLL, Asynchronous Clock Generator
9/2018-Rev. 0 to Rev. A
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com