Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2298522 Datasheet (PDF) - PHOENIX CONTACT

2298522 Datasheet PDF - PHOENIX CONTACT
Part # 2298522
Download  2298522 Download
File Size   87.1 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for OB 32, no. of positions 40/4x14, cable length 2.0 m

2298522 Datasheet (PDF)

Go To PDF Page Download Datasheet
2298522 Datasheet PDF - PHOENIX CONTACT

Part # 2298522
Download  2298522 Click to download

File Size   87.1 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for OB 32, no. of positions 40/4x14, cable length 2.0 m

2298522 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2298522

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2298509-1 TEC-2298509-1 Datasheet
2Mb / 5P
MATE-AX
11/24/2025 05:20AM
2298510 TEC-2298510 Datasheet
2Mb / 29P
AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
2298511 TEC-2298511 Datasheet
2Mb / 29P
AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
logo
PHOENIX CONTACT
2298535 PHOENIX-2298535 Datasheet
82Kb / 6P
Cable - FLK 40/4X14/EZ-DR/ 300/OB32
09/12/2020
More results


Similar Description - 2298522

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2288914 PHOENIX-2288914 Datasheet
70Kb / 6P
Round cable set; connection 1: IDC/FLK socket strip (1x 14-position); connection 2: IDC/FLK socket strip (1x14-position); cable length: 1 m
2288956 PHOENIX-2288956 Datasheet
70Kb / 6P
Round cable set; connection 1: IDC/FLK socket strip (1x 14-position); connection 2: IDC/FLK socket strip (1x14-position); cable length: 3 m
2288972 PHOENIX-2288972 Datasheet
70Kb / 6P
Round cable set; connection 1: IDC/FLK socket strip (1x 14-position); connection 2: IDC/FLK socket strip (1x14-position); cable length: 4 m
2289007 PHOENIX-2289007 Datasheet
68Kb / 4P
Round cable set; connection 1: IDC/FLK socket strip (1x 40-position); connection 2: IDC/FLK socket strip (1x40-position); cable length: 1.5 m
2293873 PHOENIX-2293873 Datasheet
72Kb / 4P
Assembled round cable set, for front adapter of the Siemens SIMATIC짰 and one 14-pos. socket strip, for connecting 8 channels, cable length: 3.5 m
2296728 PHOENIX-2296728 Datasheet
96Kb / 3P
Round cable set, for connection to the VARIOFACE system cabling, with a 50-position socket strip and four 14-position socket strips, for splitting max. 32 channels into 4 x 8 channels, no. of positions: 50/ 4 x14, cable length 3.0 m
2296773 PHOENIX-2296773 Datasheet
95Kb / 3P
Round cable set, for connection to the VARIOFACE system cabling, with a 50-position socket strip and four 14-position socket strips, for splitting max. 32 channels into 4 x 8 channels, no. of positions: 50/ 4 x14, cable length 10.0 m
2296825 PHOENIX-2296825 Datasheet
86Kb / 3P
Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for IB 32, no. of positions 40/4x14, cable length 1.0 m
2314244 PHOENIX-2314244 Datasheet
52Kb / 5P
Assembled halogen-free round cable, with two 50-pos. socket strips (1:1 connection), for connecting 32 channels.
2314341 PHOENIX-2314341 Datasheet
47Kb / 3P
Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 2.0 m
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com