Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1582 Datasheet (PDF) - NEC

2SD1582 Datasheet PDF - NEC
Part # 2SD1582
Download  2SD1582 Download
File Size   299.37 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Audio Frequency Power Amplifier

2SD1582 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1582 Datasheet PDF - NEC

Part # 2SD1582
Download  2SD1582 Click to download

File Size   299.37 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Audio Frequency Power Amplifier

2SD1582 Datasheet (HTML) - NEC


2SD1582 Product details

NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS

The 2SD1582 is a single type super high hFEtransistor and low collector saturation voltage and high voltage. This transistor is available for broad applications as variety of drives.

FEATURES
• Ultra high hFE
   hFE= 800 to 3200 (@ VCE= 5.0 V, IC= 300 mA)
• High voltage and wide ASO
   VCBO= 60 V, VCEO= 50 V
• Low collector saturation voltage
   VCE(sat) = 0.15 V TYP. (@ IC= 500 A, IB= 5.0 mA)




Similar Part No. - 2SD1582

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD1582 RENESAS-2SD1582 Datasheet
228Kb / 6P
SILICON TRANSISTOR
2002
2SD1582 RENESAS-2SD1582_15 Datasheet
229Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS
More results


Similar Description - 2SD1582

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier High Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
Audio Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
Audio Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
Audio Frequency Power Amplifier
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
Audio frequency power amplifier
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com