Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ599 Datasheet (PDF) - NEC

2SJ599 Datasheet PDF - NEC
Part # 2SJ599
Download  2SJ599 Download
File Size   40.93 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE

2SJ599 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ599 Datasheet PDF - NEC

Part # 2SJ599
Download  2SJ599 Click to download

File Size   40.93 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE

2SJ599 Datasheet (HTML) - NEC


2SJ599 Product details

DESCRIPTION

The 2SJ599 is P-channel MOS Field Effect Transistor designed for solenoid, motor and lamp driver.



FEATURES

• Low on-state resistance:

  RDS(on)1= 75 mΩMAX. (VGS= –10 V, ID= –10 A)

  RDS(on)2= 111 mΩMAX. (VGS= –4.0 V, ID= –10 A)

• Low input capacitance:

  Ciss= 1300 pF TYP. (VDS= –10 V, VGS= 0 V)

• Built-in gate protection diode

• TO-251/TO-252 package




Similar Part No. - 2SJ599

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ599 KEXIN-2SJ599 Datasheet
50Kb / 2P
MOS Field Effect Transistor
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599 Datasheet
243Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
Guangdong Kexin Industr...
2SJ599-Z KEXIN-2SJ599-Z Datasheet
978Kb / 2P
P-Channel MOSFET
logo
Renesas Technology Corp
2SJ599-Z RENESAS-2SJ599-Z Datasheet
243Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2001
logo
Guangdong Kexin Industr...
2SJ599-Z KEXIN-2SJ599-Z_15 Datasheet
978Kb / 2P
P-Channel MOSFET
More results


Similar Description - 2SJ599

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com