Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2318554 Datasheet (PDF) - PHOENIX CONTACT

2318554 Datasheet PDF - PHOENIX CONTACT
Part # 2318554
Download  2318554 Download
File Size   70.77 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Round cable set; connection 1: IDC/FLK socket strip (1x 20-position, 180 째-Out put); connection 2: IDC/FLK socket strip (1x 20-position, 90 째-out put); cable length: 1 m

2318554 Datasheet (PDF)

Go To PDF Page Download Datasheet
2318554 Datasheet PDF - PHOENIX CONTACT

Part # 2318554
Download  2318554 Click to download

File Size   70.77 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Round cable set; connection 1: IDC/FLK socket strip (1x 20-position, 180 째-Out put); connection 2: IDC/FLK socket strip (1x 20-position, 90 째-out put); cable length: 1 m

2318554 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2318554

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
231851B ITF-231851B Datasheet
178Kb / 2P
Typical 1dB bandwidth of 18.2 MHz
Rev 1.0 2011. 01.24
231854B ITF-231854B Datasheet
180Kb / 2P
Typical 1dB bandwidth of 17.6 MHz
Rev 1.0 2011. 11. 04
logo
TE Connectivity Ltd
2318579-2 TEC-2318579-2 Datasheet
2Mb / 4P
QSFP-DD CONNECTORS & CABLE ASSEMBLIES
logo
Integrated Technology F...
231857B ITF-231857B Datasheet
174Kb / 2P
Typical 1dB bandwidth of 17.7MHz
Rev 1.0 2013. 08. 28
logo
TE Connectivity Ltd
2318582-2 TEC-2318582-2 Datasheet
221Kb / 2P
BUCHANAN WireMate TWO-PIECE POKE-IN SERIES
More results


Similar Description - 2318554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2288914 PHOENIX-2288914 Datasheet
70Kb / 6P
Round cable set; connection 1: IDC/FLK socket strip (1x 14-position); connection 2: IDC/FLK socket strip (1x14-position); cable length: 1 m
2288956 PHOENIX-2288956 Datasheet
70Kb / 6P
Round cable set; connection 1: IDC/FLK socket strip (1x 14-position); connection 2: IDC/FLK socket strip (1x14-position); cable length: 3 m
2288972 PHOENIX-2288972 Datasheet
70Kb / 6P
Round cable set; connection 1: IDC/FLK socket strip (1x 14-position); connection 2: IDC/FLK socket strip (1x14-position); cable length: 4 m
2289007 PHOENIX-2289007 Datasheet
68Kb / 4P
Round cable set; connection 1: IDC/FLK socket strip (1x 40-position); connection 2: IDC/FLK socket strip (1x40-position); cable length: 1.5 m
2289094 PHOENIX-2289094 Datasheet
72Kb / 6P
Round cable set; connection 1: IDC/FLK socket strip (1x 50-position); connection 2: IDC/FLK socket strip (1x50-position); cable length: 2 m
2296692 PHOENIX-2296692 Datasheet
69Kb / 5P
Round cable set; connection 1: IDC/FLK socket strip (1x 50-position); connection 2: IDC/FLK socket strip (4x 14-position); cable length: 1 m
2299408 PHOENIX-2299408 Datasheet
85Kb / 3P
Round cable set, with two 26-pos. socket strips (1:1 connection), cable length: 1.5 m
2318318 PHOENIX-2318318 Datasheet
69Kb / 4P
Round cable set; connection 1: IDC/FLK socket strip (1x 10-position, 180 째-Out put); connection 2: IDC/FLK socket strip (1x 10-position, 90 째-out put); cable length: 1 m
2318402 PHOENIX-2318402 Datasheet
70Kb / 4P
Round cable set; connection 1: IDC/FLK socket strip (1x 14-position, 180 째-Out put); connection 2: IDC/FLK socket strip (1x 14-position, 90 째-out put); cable length: 1.5 m
2318635 PHOENIX-2318635 Datasheet
70Kb / 4P
Round cable set; connection 1: IDC/FLK socket strip (1x 26-position, 180 째-Out put); connection 2: IDC/FLK socket strip (1x 26-position, 90 째-out put); cable length: 1 m
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com