Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX3353YD Datasheet (PDF) - LUMEX INC.

SSL-LX3353YD Datasheet PDF - LUMEX INC.
Part # SSL-LX3353YD
Download  SSL-LX3353YD Download
File Size   62.8 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 3mm x 3mm SQUARE LED, 585nm YELLOW LED

SSL-LX3353YD Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX3353YD Datasheet PDF - LUMEX INC.

Part # SSL-LX3353YD
Download  SSL-LX3353YD Click to download

File Size   62.8 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 3mm x 3mm SQUARE LED, 585nm YELLOW LED

SSL-LX3353YD Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX3353YD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX3353GD LUMEX-SSL-LX3353GD Datasheet
222Kb / 1P
3mm x 3mm SQUARE LED,565nm GREEN LED
SSL-LX3353ID LUMEX-SSL-LX3353ID Datasheet
62Kb / 1P
3mm x 3mm SQUARE LED, 635nm RED LED
SSL-LX3353IGW LUMEX-SSL-LX3353IGW Datasheet
64Kb / 1P
3mm x 3mm SQUARE BICOLOR LED, 635nm RED/565nm GREEN LED
SSL-LX3353SRD LUMEX-SSL-LX3353SRD Datasheet
61Kb / 1P
3mm x 3mm SQUARE LED, 660nm SUPER RED LED
More results


Similar Description - SSL-LX3353YD

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5SA3131A OPTOSUPPLY-OSY5SA3131A Datasheet
99Kb / 1P
3mm Round Yellow LED
OSY5SS3131A OPTOSUPPLY-OSY5SS3131A Datasheet
96Kb / 1P
3mm Flashing Yellow LED
OSY5RU3131A OPTOSUPPLY-OSY5RU3131A Datasheet
105Kb / 1P
3mm Round Yellow LED
OS5YPM3131A OPTOSUPPLY-OS5YPM3131A Datasheet
65Kb / 1P
3mm Round Yellow LED
logo
LUMEX INC.
SSL-LX3054LYD LUMEX-SSL-LX3054LYD Datasheet
88Kb / 1P
T-3mm YELLOW LED
SSL-LX3054YT-5V LUMEX-SSL-LX3054YT-5V Datasheet
78Kb / 1P
QUASARBRITE T-3mm 585nm YELLOW LED
SSL-LX3353GD LUMEX-SSL-LX3353GD Datasheet
222Kb / 1P
3mm x 3mm SQUARE LED,565nm GREEN LED
SSL-LX3353ID LUMEX-SSL-LX3353ID Datasheet
62Kb / 1P
3mm x 3mm SQUARE LED, 635nm RED LED
SSL-LX3353IGW LUMEX-SSL-LX3353IGW Datasheet
64Kb / 1P
3mm x 3mm SQUARE BICOLOR LED, 635nm RED/565nm GREEN LED
SSL-LX3353SRD LUMEX-SSL-LX3353SRD Datasheet
61Kb / 1P
3mm x 3mm SQUARE LED, 660nm SUPER RED LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com