Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX5093SBC Datasheet (PDF) - LUMEX INC.

SSL-LX5093SBC Datasheet PDF - LUMEX INC.
Part # SSL-LX5093SBC
Download  SSL-LX5093SBC Download
File Size   70.06 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description QUASARBRITE T-5mm 430nm BLUE LED , WATER CLEAR LENS

SSL-LX5093SBC Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX5093SBC Datasheet PDF - LUMEX INC.

Part # SSL-LX5093SBC
Download  SSL-LX5093SBC Click to download

File Size   70.06 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description QUASARBRITE T-5mm 430nm BLUE LED , WATER CLEAR LENS

SSL-LX5093SBC Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX5093SBC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5093SBC-A LUMEX-SSL-LX5093SBC-A Datasheet
70Kb / 1P
QUASARBRITE T-5mm 555mm GREEN LED
SSL-LX5093SBCA LUMEX-SSL-LX5093SBCA Datasheet
99Kb / 3P
State-of-the-Art, High Brightness Chip Technology
More results


Similar Description - SSL-LX5093SBC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
OED-CL5093C30+A LUMEX-OED-CL5093C30+A Datasheet
55Kb / 1P
T-5mm, 850mm INFRARED LED, WATER CLEAR LENS
SSL-LXA228SBC-TR21 LUMEX-SSL-LXA228SBC-TR21 Datasheet
65Kb / 1P
430nm SUPER BLUE WATER CLEAR LENS
SSL-LX5093UVC LUMEX-SSL-LX5093UVC Datasheet
56Kb / 1P
T-5mm 400mm ULTRA VIOLET LED, WATER CLEAR LENS
SSL-LX5093SRC39240 LUMEX-SSL-LX5093SRC39240 Datasheet
419Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-E LUMEX-SSL-LX5093SRC-E Datasheet
254Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-E-TB LUMEX-SSL-LX5093SRC-E-TB Datasheet
274Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-F LUMEX-SSL-LX5093SRC-F Datasheet
419Kb / 1P
5.9W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-X LUMEX-SSL-LX5093SRC-X Datasheet
421Kb / 1P
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093UWC-A LUMEX-SSL-LX5093UWC-A Datasheet
402Kb / 1P
5.8W*8.6H, QUASARBRITE T-5mm (T-1 3/4), WHITE LED, WATER CLEAR LENS.
SSL-LX5093UWC LUMEX-SSL-LX5093UWC Datasheet
402Kb / 1P
5.8W*8.6H, QUASARBRITE T-5mm (T-1 3/4), WHITE LED, WATER CLEAR LENS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com