Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM331SM Datasheet (PDF) - ELM Electronics

ELM331SM Datasheet PDF - ELM Electronics
Part # ELM331SM
Download  ELM331SM Download
File Size   28.69 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Solid State Thermostat

ELM331SM Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM331SM Datasheet PDF - ELM Electronics

Part # ELM331SM
Download  ELM331SM Click to download

File Size   28.69 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Solid State Thermostat

ELM331SM Datasheet (HTML) - ELM Electronics


ELM331SM Product details

Description
The ELM331 is a complete temperature measurement and control system in an 8 pin package.
This integrated circuit is designed to compare two resistances and drive an output pin depending on the relative value of each. Typically, one of the resistors will be an NTC thermistor, and the other one will be a temperature independent resistor (whether fixed or variable). When the magnitude of the resistance connected to pin 2 exceeds the value of the resistance connected to pin 3, the output pin will be driven to a high state. Hysteresis maintains the output in that state until the relative values differ by approximately 8% (or typically 2°C for a 10KW thermistor).

Features
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Built-in proportional hysteresis
• Measurement in progress output
• Time delay on operate improves noise immunity
• Internal pullup resistor on the reset input
• High current drive outputs - up to 25 mA

Applications
• Primary thermostat in temperature control systems
• Staging control for auxiliary heating or cooling installations
• Under or over temperature alarms




Similar Part No. - ELM331SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM33305HDL ETC2-ELM33305HDL Datasheet
857Kb / 4P
Extruded Vertical T-1 (5mm) LED Standard Spacer Profie Assy
logo
ELM Electronics
ELM334 ELM-ELM334 Datasheet
29Kb / 4P
GARAGE DOORMAN
ELM334 ELM-ELM334 Datasheet
57Kb / 7P
Garage Doorman
logo
ELM Technology Corporat...
ELM33400CA-S ELM-TECH-ELM33400CA-S Datasheet
109Kb / 4P
Single N-channel MOSFET
ELM33401CA-S ELM-TECH-ELM33401CA-S Datasheet
267Kb / 4P
Single P-channel MOSFET
More results


Similar Description - ELM331SM

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
52421 MICROPAC-52421 Datasheet
137Kb / 4P
SOLID STATE THERMOSTAT CONTROLLER
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
Solid State
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Unity Opto Technology
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-504TG UOT-MVL-504TG Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
SOLID STATE LAMP
logo
CUI INC
CS-3212 CUI-CS-3212 Datasheet
122Kb / 1P
solid state buzzer
CS-3624 CUI-CS-3624 Datasheet
105Kb / 1P
solid state buzzer
CS-8412 CUI-CS-8412 Datasheet
124Kb / 1P
solid state buzzer
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
Thermostat
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com