Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT802 Datasheet (PDF) - TT Electronics.

HCT802 Datasheet PDF - TT Electronics.
Part # HCT802
Download  HCT802 Download
File Size   249.93 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Dual Enhancement Mode MOSFET

HCT802 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCT802 Datasheet PDF - TT Electronics.

Part # HCT802
Download  HCT802 Click to download

File Size   249.93 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Dual Enhancement Mode MOSFET

HCT802 Datasheet (HTML) - TT Electronics.


HCT802 Product details

Description:
HCT802 offers an N‐Channel and P‐Channel MOS transistor in a hermeƟc ceramic surface mount package. The devices used are similar to industry standards 2N6661 N‐Channel device and VP1008 P‐Channel device. These two enhancement mode MOSFETS are parƟcularly well matched for VDS, IDS(on), RDS(on) and Gfs.

Features:
• 6 pad surface mount package
• VDS = 90V
• RDS(on) < 5Ω
• ID(on) N-Channel = 1.5A | P-Channel = 1.1A
• Two devices selected for VDS ID(on) and RDS(on) similarity
• Full TX Processing Available
• Gold plated contacts

Applications:
• Drivers: Solid State Relays, Lamps, Solenoids, Displays, Memories, etc.
• Motor Control
• Power Supply Circuits




Similar Part No. - HCT802

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
HCT802 OPTEK-HCT802 Datasheet
233Kb / 2P
Dual En hance ment Mode MOSFET
logo
Bourns Electronic Solut...
HCT80201EAL BOURNS-HCT80201EAL Datasheet
796Kb / 4P
HCT8 Series High Clearance and Creepage Transformer
06/24
logo
OPTEK Technologies
HCT802TX OPTEK-HCT802TX Datasheet
233Kb / 2P
Dual En hance ment Mode MOSFET
HCT802TXV OPTEK-HCT802TXV Datasheet
233Kb / 2P
Dual En hance ment Mode MOSFET
More results


Similar Description - HCT802

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2700CB1 ANPEC-APM2700CB1 Datasheet
153Kb / 14P
Dual enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
STC4516 STANSON-STC4516 Datasheet
962Kb / 9P
Complementary Dual Enhancement Mode MOSFET
logo
SeCoS Halbleitertechnol...
SGT6920NH SECOS-SGT6920NH Datasheet
123Kb / 2P
Dual-N Enhancement Mode MOSFET
SGT6920NH SECOS-SGT6920NH_15 Datasheet
123Kb / 2P
Dual-N Enhancement Mode MOSFET
SSG3110 SECOS-SSG3110 Datasheet
366Kb / 4P
Dual- Enhancement Mode Power MOSFET
SDT2P03-C SECOS-SDT2P03-C Datasheet
516Kb / 4P
Dual-P Enhancement Mode MOSFET
SDT3P02-C SECOS-SDT3P02-C Datasheet
399Kb / 4P
Dual-P Enhancement Mode MOSFET
SSG3215B-C SECOS-SSG3215B-C Datasheet
729Kb / 4P
Dual-$ Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com