Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11693 Datasheet (PDF) - Sanyo Semicon Device

LB11693 Datasheet PDF - Sanyo Semicon Device
Part # LB11693
Download  LB11693 Download
File Size   129.22 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Three-Phase Brushless Motor Driver for 24 V Fan Motors

LB11693 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11693 Datasheet PDF - Sanyo Semicon Device

Part # LB11693
Download  LB11693 Click to download

File Size   129.22 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Three-Phase Brushless Motor Driver for 24 V Fan Motors

LB11693 Datasheet (HTML) - Sanyo Semicon Device


LB11693 Product details

Overview

The LB11693 reduces motor noise by imparting a slope to the output current when switching the phase to which power is applied. This motor driver includes an automatic recovery constraint protection circuit and is optimal for driving 24 V fan motors.



Functions and Features

• Soft phase switching + direct PWM drive

• PWM control based on both a DC voltage input (the CTL voltage) and a pulse input

• Provides a 5 V regulator output

• One Hall-effect sensor FG output

• Integrating amplifier

• Automatic recovery constraint protection circuit (on/off = 1/14), RD output

• Current limiter circuit

• LVSD circuit

• Thermal protection circuitt




Similar Part No. - LB11693

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
logo
ON Semiconductor
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
158Kb / 12P
24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
24V Fan Motor Driver IC
May, 2013
More results


Similar Description - LB11693

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
LB11693H ONSEMI-LB11693H Datasheet
983Kb / 24P
3-Phase Brushless Motor Driver for 24V Fan Motors
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com