Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1947 Datasheet (PDF) - Maxim Integrated Products

MAX1947 Datasheet PDF - Maxim Integrated Products
Part # MAX1947
Download  MAX1947 Download
File Size   817.63 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low Input/Output Voltage Step-Up DC-DC Converter with RESET

MAX1947 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1947 Datasheet PDF - Maxim Integrated Products

Part # MAX1947
Download  MAX1947 Click to download

File Size   817.63 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low Input/Output Voltage Step-Up DC-DC Converter with RESET

MAX1947 Datasheet (HTML) - Maxim Integrated Products


MAX1947 Product details

General Description
The MAX1947 is a compact, high-efficiency, step-up DC-DC converter that regulates output voltages from 1.8V to 3.3V to power µP/DSP cores, memory, and I/O rails in 1- and 2-cell alkaline/NiMH/NiCd battery-powered systems. It features an internal 800mA switch and synchronous rectifier to achieve up to 94% efficiency and to eliminate the need for an external Schottky diode.

Features
♦ Low Input (0.7V) and Output (1.8V) Voltage
   Capability
♦ Internal Synchronous Rectifier
♦ High 94% Efficiency
♦ Fixed Output Voltages: 1.8V, 2.5V, 3V, and 3.3V
♦ Up to 2MHz Switching Allows Small External
   Components and Low Output Ripple
♦ Automatic Pulse Skipping at Light Loads for
   Extended Battery Life
♦ Low 70µA (typ) Operating Supply Current
   (Measured at OUT)
♦ Low 2µA Logic-Controlled Shutdown
♦ True Shutdown Fully Discharges Output to Ground
♦ Uses Only Small Ceramic Capacitors
♦ 75ms RESET Output Flag

Applications
   MP3 Players, Pagers, and CD Players
   PDAs and Organizers
   Digital Still Cameras
   Cordless Phones
   Wireless Mice/Keyboards
   Portable Medical Equipment
   Other Battery-Powered Systems




Similar Part No. - MAX1947

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1947 MAXIM-MAX1947 Datasheet
250Kb / 11P
Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
MAX1947ETAXY+T MAXIM-MAX1947ETAXY+T Datasheet
250Kb / 11P
Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
MAX1947ETAXY-T MAXIM-MAX1947ETAXY-T Datasheet
250Kb / 11P
Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
MAX1947 MAXIM-MAX1947_V01 Datasheet
250Kb / 11P
Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
More results


Similar Description - MAX1947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
Low Input Voltage, Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1947 MAXIM-MAX1947_V01 Datasheet
250Kb / 11P
Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com