Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6633 Datasheet (PDF) - Maxim Integrated Products

MAX6633 Datasheet PDF - Maxim Integrated Products
Part # MAX6633
Download  MAX6633 Download
File Size   210.44 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface

MAX6633 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6633 Datasheet PDF - Maxim Integrated Products

Part # MAX6633
Download  MAX6633 Click to download

File Size   210.44 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface

MAX6633 Datasheet (HTML) - Maxim Integrated Products


MAX6633 Product details

General Description
The MAX6633/MAX6634/MAX6635 combine a temperature sensor, a programmable overtemperature alarm, and an SMBus/I2C-compatible serial interface into a single package.

Features
● +3V to +5.5V Supply Range
● Accuracy
   ±1°C max (0°C to +50°C)
   ±1.5°C max (-20°C to +85°C)
   ±2.5°C max (-40°C to +125°C)
   ±2.5°C typ (+150°C)
● User-Programmable Temperature Thresholds
   (MAX6634/MAX6635)
● User-Configurable Alarm Output(s) (MAX6634/
   MAX6635)
● Ability to Respond to SMBus/I2C-Compatible Alert
   Response Address (MAX6634/MAX6635)
● OVERT Output for System Shutdown (MAX6635)
● Multiple Devices per Bus
   16 devices (MAX6633)
   8 devices (MAX6634)
   4 devices (MAX6635)

Applications
● Battery Temperature Alarms
● PC Temperature Control




Similar Part No. - MAX6633

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6633MSA MAXIM-MAX6633MSA Datasheet
1Mb / 16P
12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
More results


Similar Description - MAX6633

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6625 MAXIM-MAX6625 Datasheet
1Mb / 13P
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX6626 MAXIM-MAX6626 Datasheet
1Mb / 13P
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX6662 MAXIM-MAX6662 Datasheet
133Kb / 9P
12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Rev 0; 7/01
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6625 MAXIM-MAX6625_V01 Datasheet
1Mb / 14P
9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
2019
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com