Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF342 Datasheet (PDF) - TT Electronics.

OPF342 Datasheet PDF - TT Electronics.
Part # OPF342
Download  OPF342 Download
File Size   501.86 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Fiber Optic Transmitter

OPF342 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPF342 Datasheet PDF - TT Electronics.

Part # OPF342
Download  OPF342 Click to download

File Size   501.86 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Fiber Optic Transmitter

OPF342 Datasheet (HTML) - TT Electronics.


OPF342 Product details

Description:
The OPF342 family fiber optic transmitters are high performance devices packaged for data communication links. This transmiƩer is an 850nm GaAlAs LED and is specifically designed to efficiently launch optical power into fibers ranging in size from 50/125µm up to 200/300µm diameter fiber. Multiple power ranges with upper and lower limits are offered which allows the designer to select a device best suited for the application.
This product’s combination of features including high speed and efficient coupled power makes it an ideal transmitter for integration into all types of data communications equipment.
The mechanical design of this packaged is intended for PC Board or panel mounting. It is shipped with a lock washer, jam nut, 2 #2-56 screws, and a protective dust cap.

Features:
• Low Cost 850 nm LED technology
• Popular ST® style receptacle
• Pre-tested with fiber to assure performance
• Component pre-mounted and ready to use
• Extended temperature range
• 55MHz operaƟon

Applications:
• Industrial Ethernet equipment
• Copper-to-fiber media conversion
• Intra-system fiber opƟc links
• Video surveillance systems




Similar Part No. - OPF342

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
Fiber Optic GaAlAs High Speed LED
logo
TT Electronics.
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
Fiber Optic Transmitter
More results


Similar Description - OPF342

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
Fiber Optic Transmitter
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
Fiber Optic Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com