Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2701388 Datasheet (PDF) - PHOENIX CONTACT

2701388 Datasheet PDF - PHOENIX CONTACT
Part # 2701388
Download  2701388 Download
File Size   1670.86 Kbytes
Page   34 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Modbus/TCP(UDP) bus coupler, version for extreme conditions, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA

2701388 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701388 Datasheet PDF - PHOENIX CONTACT

Part # 2701388
Download  2701388 Click to download

File Size   1670.86 Kbytes
Page   34 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Modbus/TCP(UDP) bus coupler, version for extreme conditions, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA

2701388 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2701388

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701380 PHOENIX-2701380 Datasheet
42Kb / 2P
Mounting material - HMI WALL MOUNTING KIT
2701383 PHOENIX-2701383 Datasheet
51Kb / 2P
Battery / accumulator - HMI BATTERY
09/12/2020
2701384 PHOENIX-2701384 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 4
2701385 PHOENIX-2701385 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 6
2701387 PHOENIX-2701387 Datasheet
43Kb / 2P
Mounting material - HMI SCB MOUNTING KIT 8
More results


Similar Description - 2701388

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702071 PHOENIX-2702071 Datasheet
237Kb / 15P
Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
2702106 PHOENIX-2702106 Datasheet
242Kb / 14P
Axioline F digital input and output module, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 1-wire connection technology
2702131 PHOENIX-2702131 Datasheet
86Kb / 6P
EtherNet/IP??bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors
2703981 PHOENIX-2703981 Datasheet
151Kb / 7P
Modbus/TCP(UDP) bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2703994 PHOENIX-2703994 Datasheet
254Kb / 20P
PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
2718785 PHOENIX-2718785 Datasheet
164Kb / 5P
DeviceNet??bus coupler, 24 V DC, without accessories
2742586 PHOENIX-2742586 Datasheet
116Kb / 7P
INTERBUS bus coupler, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, with connecting plugs
2832962 PHOENIX-2832962 Datasheet
150Kb / 5P
Inline Block I/O digital input/output module, Modbus TCP/IP, 16/32 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 2, 3-conductor connection method
2897758 PHOENIX-2897758 Datasheet
275Kb / 18P
Inline bus coupler for EtherNet/IP?? 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA
7649 PHOENIX-7649 Datasheet
296Kb / 19P
PROFINET bus coupler, 8 inputs, 24 V DC, 4 outputs, 24 V DC, 500 mA, complete with I/O connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com