Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1018N Datasheet (PDF) - IXYS Corporation

CPC1018N Datasheet PDF - IXYS Corporation
Part # CPC1018N
Download  CPC1018N Download
File Size   169.62 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay

CPC1018N Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1018N Datasheet PDF - IXYS Corporation

Part # CPC1018N
Download  CPC1018N Click to download

File Size   169.62 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay

CPC1018N Datasheet (HTML) - IXYS Corporation


CPC1018N Product details

Description
The CPC1018N is a miniature single-pole, normally-open (1-Form-A) solid state relay in a 4-pin SOP package that employs optically coupled MOSFET technology to provide 1500Vrms of input to output isolation. The super efficient MOSFET switches and photovoltaic die use IXYS Integrated Circuits Division’s patented OptoMOS architecture while the optically coupled output is controlled by a highly efficient infrared LED.

Features
• Designed for Use in Security Systems Complying with EN50130-4
• Only 1mA of LED Current Required to Operate
• 1500Vrms Input/Output Isolation
• Small 4-Pin SOP Package
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• Tape & Reel Version Available
• Flammability Rating UL 94 V-0

Applications
• Security
    • Passive Infrared Detectors (PIR)
    • Data Signalling
    • Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls




Similar Part No. - CPC1018N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1018NTR CLARE-CPC1018NTR Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1018NTR CLARE-CPC1018NTR Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1018N CLARE-CPC1018N_1 Datasheet
113Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results


Similar Description - CPC1018N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1117N IXYS-CPC1117N Datasheet
172Kb / 6P
60V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com