Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2740339 Datasheet (PDF) - PHOENIX CONTACT

2740339 Datasheet PDF - PHOENIX CONTACT
Part # 2740339
Download  2740339 Download
File Size   75.8 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Inline power terminal block, without accessories, without fuse, 230 V AC

2740339 Datasheet (PDF)

Go To PDF Page Download Datasheet
2740339 Datasheet PDF - PHOENIX CONTACT

Part # 2740339
Download  2740339 Click to download

File Size   75.8 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Inline power terminal block, without accessories, without fuse, 230 V AC

2740339 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2740339

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
27403 PRESTO-27403 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2740342 PHOENIX-2740342 Datasheet
158Kb / 6P
Inline digital input terminal block, without accessories, 1 input, 230 V AC, 3-wire connection method
More results


Similar Description - 2740339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2726201 PHOENIX-2726201 Datasheet
204Kb / 6P
Inline digital input terminal block, without accessories, 2 inputs, 24 V DC, 4-wire connection method
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
2726227 PHOENIX-2726227 Datasheet
201Kb / 6P
Inline digital input terminal block, without accessories, 8 inputs, 24 V DC, 4-wire connection method
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
Inline power terminal block, without accessories, 24 V DC
2726324 PHOENIX-2726324 Datasheet
149Kb / 5P
Inline segment terminal, without accessories, 24 V DC, without fuse
2740342 PHOENIX-2740342 Datasheet
158Kb / 6P
Inline digital input terminal block, without accessories, 1 input, 230 V AC, 3-wire connection method
2836434 PHOENIX-2836434 Datasheet
165Kb / 6P
Inline digital output terminal block, without accessories, 1 relay PDT contact, gold contact, 5 - 253 V AC, 3 A
2860400 PHOENIX-2860400 Datasheet
157Kb / 6P
Inline digital output terminal block, without accessories, 1 relay PDT contact, 5 - 253 V AC, 3 A
2860413 PHOENIX-2860413 Datasheet
158Kb / 6P
Inline digital output terminal block, without accessories, 4 relay PDT contacts, 5 - 253 V AC, 3 A
7187 PHOENIX-7187 Datasheet
291Kb / 8P
Inline power terminal, 230 V AC, with fuse and diagnostics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com