Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC6511 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC6511 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC6511
Download  VSC6511 Download
File Size   379.22 Kbytes
Page   22 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s

VSC6511 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC6511 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC6511
Download  VSC6511 Click to download

File Size   379.22 Kbytes
Page   22 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s

VSC6511 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC6511 Product details

General Description
The VSC6511 is a multi mode SMPTE 292M compatible IC with Serializer, Deserializer, or Deserializer with Reclocker modes which operate at 1.485Gb/s or 1.485/1.001Gb/s.

Features
• Multiple Modes of Operation:
   Serializer: Y and C Data Input with 2 or 4
   Configurable 75Ω Cable Driver Outputs
   Deserializer: Y and C Data Output Only
   Deserializer/Reclocker: Y and C Data Output with
   2 or 4 Configurable 75Ω Cable Driver Outputs
• 20-Bit Interface at 74.25MHz or 74.25/1.001MHz
• Scrambler / Descrambler with ENABLE
• CRC Generator/Checker with ENABLE
• Data Framer Aligns Data and Provides TRS on SAV/EAV Events
• Compliant with SMPTE-292M
• Clock Multiplier and Clock Recovery Units
• 2 or 4 Configurable 75Ω Cable Driver o/ps
• 3.3V, Low power--700mW to 1300mW, typical




Similar Part No. - VSC6511

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC600P10MS VBSEMI-VSC600P10MS Datasheet
520Kb / 9P
P-Channel 100-V (D-S) MOSFET
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
High-Speed Octal Programmable Timing Generator
VSC6134 VITESSE-VSC6134 Datasheet
454Kb / 2P
Advanced 10 Gb/s Transport Processor with Enhanced FEC
VSC6250 VITESSE-VSC6250 Datasheet
226Kb / 18P
1Gb/s 16-Channel Drive-Side Deskew IC
VSC6250QW VITESSE-VSC6250QW Datasheet
226Kb / 18P
1Gb/s 16-Channel Drive-Side Deskew IC
More results


Similar Description - VSC6511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
Quad 2.5 Gbps Serializer/Deserializer
logo
Cypress Semiconductor
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
Independent Clock HOTLink II Serializer and Reclocking Deserializer
logo
National Semiconductor ...
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
22-Bit Bi-Directional Serializer/Deserializer
logo
Cypress Semiconductor
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
Independent Clock HOTLink II??Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
Independent Clock HOTLink II Serializer and Reclocking Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com