Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VUB60 Datasheet (PDF) - IXYS Corporation

VUB60 Datasheet PDF - IXYS Corporation
Part # VUB60
Download  VUB60 Download
File Size   110.7 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System

VUB60 Datasheet (PDF)

Go To PDF Page Download Datasheet
VUB60 Datasheet PDF - IXYS Corporation

Part # VUB60
Download  VUB60 Click to download

File Size   110.7 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System

VUB60 Datasheet (HTML) - IXYS Corporation


VUB60 Product details

Three Phase Rectifier Bridge
with IGBT and Fast Recovery Diode for Braking System

Features
● Soldering connections for PCB mounting
● Isolation voltage 3600 V~
● Ultrafast freewheel diode
● Convenient package outline
● UL registered E 72873
● Thermistor

Applications
● Drive Inverters with brake system

Advantages
● 2 functions in one package
● No external isolation
● Easy to mount with two screws
● Suitable for wave soldering
● High temperature and power cycling capability




Similar Part No. - VUB60

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VUB1104B STANLEY-VUB1104B Datasheet
296Kb / 16P
Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
VUB1105W STANLEY-VUB1105W Datasheet
305Kb / 16P
Single Color Dome Lens Type (High Reliability type, V-Series)
logo
IXYS Corporation
VUB116 IXYS-VUB116 Datasheet
50Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB116-16NO1 IXYS-VUB116-16NO1 Datasheet
50Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB116-16NOXT IXYS-VUB116-16NOXT Datasheet
471Kb / 8P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
More results


Similar Description - VUB60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZB135 IXYS-VVZB135 Datasheet
137Kb / 5P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB116 IXYS-VUB116 Datasheet
50Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO1 IXYS-VUB120-12NO1 Datasheet
104Kb / 4P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO2 IXYS-VUB120-12NO2 Datasheet
69Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB120 IXYS-VVZB120 Datasheet
76Kb / 3P
Three Phase Half Controlled Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB71 IXYS-VUB71 Datasheet
183Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
logo
Semikron International
SKDH116 SEMIKRON-SKDH116_09 Datasheet
1Mb / 4P
3-Phase Bridge Rectifier IGBT braking chopper
logo
Solid States Devices, I...
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VVZB135-16NO1 IXYS-VVZB135-16NO1 Datasheet
272Kb / 5P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB170-16NO1 IXYS-VVZB170-16NO1 Datasheet
196Kb / 3P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com