Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD2.7E Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

RD2.7E Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # RD2.7E
Download  RD2.7E Download
File Size   346.09 Kbytes
Page   5 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 500 mW PLANAR TYPE SILICON ZENER DIODES

RD2.7E Datasheet (PDF)

Go To PDF Page Download Datasheet
RD2.7E Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # RD2.7E
Download  RD2.7E Click to download

File Size   346.09 Kbytes
Page   5 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 500 mW PLANAR TYPE SILICON ZENER DIODES

RD2.7E Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


RD2.7E Product details

The RD2.0E to RD120E are zener diodes with an allowable dissipation of 500 mW and a planar type glass sealed DHD (double heatsink diode) structure.

FEATURES
• The zener voltage series has a wide voltage range of 2 V to 120 V and is ideal for standardization.
• The E24 series is employed for the zener voltage nominal value.

APPLICATIONS
• Zener voltage and constant-current circuit
• Waveform clipper Circuit and limiter circuit
• Surge absorption circuit




Similar Part No. - RD2.7E

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.7E NEC-RD2.7E Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD2.7E EIC-RD2.7E Datasheet
75Kb / 4P
SILICON ZENER DIODES
logo
NEC
RD2.7EAB NEC-RD2.7EAB Datasheet
81Kb / 8P
400 mW DHD ZENER DIODE DO-34
RD2.7EAB1 NEC-RD2.7EAB1 Datasheet
81Kb / 8P
400 mW DHD ZENER DIODE DO-34
RD2.7EAB2 NEC-RD2.7EAB2 Datasheet
81Kb / 8P
400 mW DHD ZENER DIODE DO-34
More results


Similar Description - RD2.7E

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
SILICON 500 mW ZENER DIODES
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
SILICON 500 mW ZENER DIODES
1N5985 MICROSEMI-1N5985 Datasheet
110Kb / 3P
SILICON 500 mW ZENER DIODES
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
217Kb / 3P
Silicon 500 mW Zener Diodes
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
Silicon 500 mW Zener Diodes
1N957BUR-1 MICROSEMI-1N957BUR-1 Datasheet
503Kb / 6P
Silicon MELF 500 mW Zener Diodes
Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com