Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG1A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

RG1A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # RG1A
Download  RG1A Download
File Size   91.4 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER

RG1A Datasheet (PDF)

Go To PDF Page Download Datasheet
RG1A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # RG1A
Download  RG1A Click to download

File Size   91.4 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER

RG1A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


RG1A Product details

FEATURES
• High temperature metallurgical^ bonded — no compression contacts as found in diode-constructed rectifiers
• Glass passivated junction in a DO-204AP package
• 1 ampere operation at TA= 55° C with no thermal runaway
• Typical IR less than 1 μA
• Fast switching for high efficiency.
• Exceeds environmental standards of MIL-STO-19500
• High temperature soldering guaranteed 350°C/10 seconds/.375" (9.5mm) lead length/5 IDS., (2.3) tension




Similar Part No. - RG1A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RG1A GE-RG1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RG1A VISHAY-RG1A Datasheet
334Kb / 5P
Fast Sinterglass Diode
28-Jan-03
logo
Renesas Technology Corp
RG1A RENESAS-RG1A Datasheet
919Kb / 56P
EEPROM Emulation Library
logo
New Jersey Semi-Conduct...
RG1A NJSEMI-RG1A Datasheet
93Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results


Similar Description - RG1A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4942 GE-1N4942 Datasheet
51Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
GI810 GE-GI810 Datasheet
63Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RMPG06A GE-RMPG06A Datasheet
50Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N4942G GOOD-ARK-1N4942G Datasheet
156Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP Datasheet
76Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
GI810 VISHAY-GI810 Datasheet
75Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGP20A VISHAY-RGP20A Datasheet
81Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
BYX10GP VISHAY-BYX10GP Datasheet
74Kb / 4P
Miniature Glass Passivated Junction Fast Switching Rectifier
12-Dec-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com