Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2858373 Datasheet (PDF) - PHOENIX CONTACT

2858373 Datasheet PDF - PHOENIX CONTACT
Part # 2858373
Download  2858373 Download
File Size   66.75 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Basic terminal block, with isolating connector, test connections and surge protection, mounting on NS 35/7.5

2858373 Datasheet (PDF)

Go To PDF Page Download Datasheet
2858373 Datasheet PDF - PHOENIX CONTACT

Part # 2858373
Download  2858373 Click to download

File Size   66.75 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Basic terminal block, with isolating connector, test connections and surge protection, mounting on NS 35/7.5

2858373 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2858373

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2858305 PHOENIX-2858305 Datasheet
87Kb / 5P
Surge protection device - TT-STTB-F
2858315 PHOENIX-2858315 Datasheet
289Kb / 8P
VAL-MS 320-UD ST - Type 2 surge protection plug
2858328 PHOENIX-2858328 Datasheet
83Kb / 7P
Type 2 surge protection plug - F-MS 12-UD ST
10/10/2014
2858344 PHOENIX-2858344 Datasheet
72Kb / 5P
Intrinsically safe basic terminal block with isolating connector, test connections and surge protection, with additional temperature measurement of the input terminal block for cold junction compensation, for mounting on NS 35/7.5
More results


Similar Description - 2858373

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-36DC PHOENIX-PLC-RSC-36DC Datasheet
75Kb / 4P
PLC-INTERFACE, comprising PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer contact, for mounting on NS 35/7.5 DIN rail, 1 PDT, 36 V DC input voltage
2906364 PHOENIX-2906364 Datasheet
45Kb / 2P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2956660 PHOENIX-2956660 Datasheet
50Kb / 2P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
2959353 PHOENIX-2959353 Datasheet
59Kb / 3P
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
2959382 PHOENIX-2959382 Datasheet
69Kb / 3P
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
2302382 PHOENIX-2302382 Datasheet
132Kb / 4P
VARIOFACE module, with two equipotential busbars (P1, P2) for potential distribution, for mounting on NS 35/7.5 or NS 32
2835901 PHOENIX-2835901 Datasheet
461Kb / 6P
Ex Basic Terminal Blocks for Intrinsically Safe Signals With Knife Disconnection and Test Connections
2858344 PHOENIX-2858344 Datasheet
72Kb / 5P
Intrinsically safe basic terminal block with isolating connector, test connections and surge protection, with additional temperature measurement of the input terminal block for cold junction compensation, for mounting on NS 35/7.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com